PART |
Description |
Maker |
A42L8316 A42L8316S A42L8316S-30 A42L8316V-30U A42L |
40ns; self refresh 256K x 16 CMOS dynamic RAM with EDO page moge 256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
|
AMICC[AMIC Technology]
|
KM416C256DLJ-7 KM416V256DLJ-5 KM416C256DLJ-5 KM416 |
256K x 16Bit CMOS dynamic RAM with fast page mode, 70ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 50ns, 3.3V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 50ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 60ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 60ns, 3.3V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 70ns, 3.3V, self-refresh capability
|
Samsung Electronic
|
A418316 A418316S A418316S-25 A418316S-35 A418316V |
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
|
AMIC Technology
|
A418316S-35 A418316V-35U A418316V-25U |
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
|
AMIC Technology Corporation
|
V53C16256SH V53C16256 |
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
|
Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
KM416C256D KM416V256D |
256K X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
|
Samsung semiconductor
|
A428316S-35 A428316V-35U A428316S-25 A428316V-25 |
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE VGA VIDEO CABLE W/ FERRITE CORE,50 FT, FF VGA VIDEO CABLE W/ FERRITE CORE,25 FT, MF 256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE 256 × 16的CMOS动态RAM与江户页面模
|
AMIC Technology Corporation AMIC Technology, Corp. http://
|
KM44V4104BK KM44V4104B |
4M x 4Bit CMOS Dynamic RAM V(cc): -0.5 to 4.6V; 1W; 50mA; 4M x 4-bit CMOS dynamic RAM with extended data out
|
Samsung semiconductor Samsung Electronic
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
IDT7MP4145 IDT7MB4145S15Z IDT7MB4145S15M IDT7MB414 |
256K x 32 CMOS STATIC RAM MODULE 256K × 32的CMOS静态RAM模块 IC LOGIC 244TQ OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS -40 85C QSOP-20 55/TUBE 256 x 32 CMOS static RAM module
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|